1 of 1 description the mtr series (2+2) power distribution fuse holder accommodates two mini ? fuses and two jcase ? fuses. the use of these fuse types provides an amperage range of 2-60a in a compact package. the four fuses are bussed internally to the main input power stud. this allows the user to reduce wiring by making one input connection to power four fuse circuits. the mtr (2+2) pdm is a sealed module enabling it to be used in heavy duty environments. tpas are included to provide secondary locking of each wire terminal. features and benefts ? compact holder houses two jcase ? cartridge fuses and two mini ? bladed fuses ? holder is gasket-sealed to protect fuses from moisture and contamination ? fuses are internally bussed to a single main power stud C one input powers four fuse circuits web resources download 2d print and technical resources at: littelfuse.com/mtr ordering information mtr series power distribution module 2-60 a ? mini ? & jcase ? fuse ? 4 position ? sealed specifcations overview max voltage: 32 vdc max input current: 2-60 a input hardware: m6x1.0 bolt & washer (sold separately) input torque: 6-8 nm mounting torque: 6-8 nm operating temp: -40c to +85c ingress protection: ip67 material: body & cover: ul94-v0 stud: zinc-plated steel bus bar: in-plated copper gasket: silicone mating terminals & seals: jcase ? : delphi ducon 6.3 sealed male mini ? : delphi metri-pack 280 sealed female dimensions in millimeters part number voltage amperage fuse type positions input hardware mounting hardware notes size torque size torque BPDMA104HXF1 32 2-60 mini ? jcase ? 4 m6x1.0 bolt & lock washer (sold separately) 6-8 nm C 6-8 nm complete assembly base, cover & gasket shipped assembled tpas shipped bulk 77.25 86.5 66.86 5 33.53 73.5 (2) /? 6.25 m6 input stud visit littelfuse.com for the most up-to-date product information. littelfuse reserves the right to make product changes, without notice. material in this document is as accurate as known at the time of publication. ? 2015 littelfuse commercial vehicle products rev: 111315 littelfuse.com commercial vehicle product datasheet
|